Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 201 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 201 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 197Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 198Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 199Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 200Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 201Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 202Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 203Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 204Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 205Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 324 page
background image
201
2513K–AVR–07/09
ATmega162/V
Using the On-chip
Debug system
As shown in Figure 83, the hardware support for On-chip Debugging consists mainly of
•
A scan chain on the interface between the internal AVR CPU and the internal peripheral
units
•
Break Point unit
•
Communication interface between the CPU and JTAG system
All read or modify/write operations needed for implementing the Debugger are done by applying
AVR instructions via the internal AVR CPU Scan Chain. The CPU sends the result to an I/O
memory mapped location which is part of the communication interface between the CPU and the
JTAG system.
The Break Point unit implements Break on Change of program flow, Single Step Break, two Pro-
gram memory Break Points, and two Combined Break Points. Together, the four Break Points
can be configured as either:
•
4 single Program Memory Break Points
•
3 Single Program Memory Break Point + 1 single Data Memory Break Point
•
2 single Program Memory Break Points + 2 single Data Memory Break Points
•
2 single Program Memory Break Points + 1 Program Memory Break Point with mask (“range
Break Point”)
•
2 single Program Memory Break Points + 1 Data Memory Break Point with mask (“range
Break Point”)
A debugger, like the AVR Studio®, may however use one or more of these resources for its inter-
nal purpose, leaving less flexibility to the end-user.
A list of the On-chip Debug specific JTAG instructions is given in “On-chip debug specific JTAG
instructions” on page 202.
The JTAGEN Fuse must be programmed to enable the JTAG Test Access Port. In addition, the
OCDEN Fuse must be programmed and no Lock bits must be set for the On-chip debug system
to work. As a security feature, the On-chip debug system is disabled when either of the LB1 or
LB2 Lock bits are set. Otherwise, the On-chip debug system would have provided a backdoor
into a secured device.
The AVR Studio enables the user to fully control execution of programs on an AVR device with
On-chip Debug capability, AVR In-Circuit Emulator, or the built-in AVR Instruction Set Simulator.
AVR Studio supports source level execution of Assembly programs assembled with Atmel Cor-
poration’s AVR Assembler and C programs compiled with third party vendors’ compilers.
AVR Studio runs under Microsoft® Windows® 95/98/2000, Windows NT®, and Windows XP®.
For a full description of the AVR Studio, please refer to the AVR Studio User Guide. Only high-
lights are presented in this document.
All necessary execution commands are available in AVR Studio, both on source level and on
disassembly level. The user can execute the program, single step through the code either by
tracing into or stepping over functions, step out of functions, place the cursor on a statement and
execute until the statement is reached, stop the execution, and reset the execution target. In
addition, the user can have an unlimited number of code Break Points (using the BREAK
instruction) and up to two data memory Break Points, alternatively combined as a mask (range)
Break Point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com