Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 205 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 205 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 201Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 202Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 203Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 204Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 205Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 206Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 207Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 208Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 324 page
background image
205
2513K–AVR–07/09
ATmega162/V
Data Registers
The data registers relevant for Boundary-scan operations are:
•
Bypass Register
•
Device Identification Register
•
Reset Register
•
Boundary-scan Chain
Bypass Register
The Bypass Register consists of a single Shift Register stage. When the Bypass Register is
selected as path between TDI and TDO, the register is reset to 0 when leaving the Capture-DR
controller state. The Bypass Register can be used to shorten the scan chain on a system when
the other devices are to be tested.
Device Identification
Register
Figure 85 shows the structure of the Device Identification Register.
Figure 85. The Format of the Device Identification Register
Version
Version is a 4-bit number identifying the revision of the component. The JTAG version number
follows the revision of the device. Revision A is 0x0, revision B is 0x1 and so on.
Part Number
The part number is a 16-bit code identifying the component. The JTAG Part Number for
ATmega162 is listed in Table 83.
Manufacturer ID
The Manufacturer ID is a 11-bit code identifying the manufacturer. The JTAG manufacturer ID
for ATMEL is listed in Table 84.
Reset Register
The Reset Register is a test data register used to reset the part. Since the AVR tri-states Port
Pins when reset, the Reset Register can also replace the function of the unimplemented optional
JTAG instruction HIGHZ.
A high value in the Reset Register corresponds to pulling the external Reset low. The part is
reset as long as there is a high value present in the Reset Register. Depending on the Fuse set-
tings for the clock options, the part will remain reset for a Reset Time-out Period (refer to “Clock
Sources” on page 36) after releasing the Reset Register. The output from this data register is not
latched, so the reset will take place immediately, as shown in Figure 86.
MSB
LSB
Bit
31
28
27
12
11
1
0
Device ID
Version
Part Number
Manufacturer ID
1
4 bits
16 bits
11 bits
1 bit
Table 83. AVR JTAG Part Number
Part number
JTAG Part Number (Hex)
ATmega162
0x9404
Table 84. Manufacturer ID
Manufacturer
JTAG Man. ID (Hex)
ATMEL
0x01F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com