Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 209 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 209 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 205Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 206Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 207Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 208Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 210Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 211Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 213Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 324 page
background image
209
2513K–AVR–07/09
ATmega162/V
Figure 87. Boundary-scan Cell for Bi-directional Port Pin with Pull-up Function.
DQ
DQ
G
0
1
0
1
DQ
DQ
G
0
1
0
1
0
1
0
1
DQ
DQ
G
0
1
Port Pin (PXn)
Vcc
EXTEST
To Next Cell
ShiftDR
Output Control (OC)
Pullup Enable (PUE)
Output Data (OD)
Input Data (ID)
From Last Cell
UpdateDR
ClockDR
FF2
LD2
FF1
LD1
LD0
FF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com