Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 212 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 208Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 210Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 211Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 213Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 214Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 215Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 324 page
background image
212
2513K–AVR–07/09
ATmega162/V
Scanning the Analog
Comparator
The relevant Comparator signals regarding Boundary-scan are shown in Figure 91. The Bound-
ary-scan cell from Figure 92 is attached to each of these signals. The signals are described in
Table 86.
The Comparator need not be used for pure connectivity testing, since all analog inputs are
shared with a digital port pin as well.
Figure 91. Analog Comparator
Figure 92. General Boundary-scan Cell used for Signals for Comparator
ACBG
BANDGAP
REFERENCE
AC_IDLE
ACO
0
1
DQ
DQ
G
0
1
From
Previous
Cell
ClockDR
UpdateDR
ShiftDR
To
Next
Cell
EXTEST
To Snalog Circuitry/
To Digital Logic
From Digital Logic/
From Analog Ciruitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com