Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 213 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 210Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 211Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 213Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 214Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 215Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 216Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 324 page
background image
213
2513K–AVR–07/09
ATmega162/V
ATmega162
Boundary-scan
Order
Table 87 shows the Scan order between TDI and TDO when the Boundary-scan chain is
selected as data path. Bit 0 is the LSB; the first bit scanned in, and the first bit scanned out. The
scan order follows the pinout order as far as possible. Therefore, the bits of Port A and Port E is
scanned in the opposite bit order of the other ports. Exceptions from the rules are the Scan
chains for the analog circuits, which constitute the most significant bits of the scan chain regard-
less of which physical pin they are connected to. In Figure 87, PXn. Data corresponds to FF0,
PXn. Control corresponds to FF1, and PXn. Pullup_enable corresponds to FF2. Bit 4, 5, 6, and
7of Port C is not in the scan chain, since these pins constitute the TAP pins when the JTAG is
enabled.
Table 86. Boundary-scan Signals for the Analog Comparator
Signal
Name
Direction as
seen from the
Comparator
Description
Recommended
Input when Not
in Use
Output Values when
Recommended
Inputs are Used
AC_IDLE
input
Turns off Analog
comparator
when true
1
Depends upon µC
code being executed
ACO
output
Analog
Comparator
Output
Will become
input to µC code
being executed
0
ACBG
input
Bandgap
Reference
enable
0
Depends upon µC
code being executed
Table 87. ATmega162 Boundary-scan Order
Bit Number
Signal Name
Module
105
AC_IDLE
Comparator
104
ACO
103
ACBG
102
PB0.Data
Port B
101
PB0.Control
100
PB0.Pullup_Enable
99
PB1.Data
98
PB1.Control
97
PB1.Pullup_Enable
96
PB2.Data
95
PB2.Control
94
PB2.Pullup_Enable
93
PB3.Data
92
PB3.Control
91
PB3.Pullup_Enable
90
PB4.Data
89
PB4.Control
88
PB4.Pullup_Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com