Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 211 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 207Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 208Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 210Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 211Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 213Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 214Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 324 page
background image
211
2513K–AVR–07/09
ATmega162/V
Scanning the Clock
Pins
The AVR devices have many clock options selectable by fuses. These are: Internal RC Oscilla-
tor, External Clock, (High Frequency) Crystal Oscillator, Low Frequency Crystal Oscillator, and
Ceramic Resonator.
Figure 90 shows how each Oscillator with external connection is supported in the scan chain.
The Enable signal is supported with a general Boundary-scan cell, while the Oscillator/clock out-
put is attached to an observe-only cell. In addition to the main clock, the Timer Oscillator is
scanned in the same way. The output from the internal RC Oscillator is not scanned, as this
Oscillator does not have external connections.
Figure 90. Boundary-scan Cells for Oscillators and Clock Options
Table 85 summaries the scan registers for the external clock pin XTAL1, oscillators with
XTAL1/XTAL2 connections as well as 32 kHz Timer Oscillator.
Notes:
1. Do not enable more than one clock source as main clock at a time.
2. Scanning an Oscillator output gives unpredictable results as there is a frequency drift between
the Internal Oscillator and the JTAG TCK clock. If possible, scanning an external clock is
preferred.
3. The clock configuration is programmed by fuses. As a fuse is not changed run-time, the clock
configuration is considered fixed for a given application. The user is advised to scan the same
clock option as to be used in the final system. The enable signals are supported in the scan
chain because the system logic can disable clock options in sleep modes, thereby disconnect-
ing the Oscillator pins from the scan path if not provided. The INTCAP selection is not
supported in the scan-chain, so the boundary scan chain can not make a XTAL Oscillator
requiring internal capacitors to run unless the fuses are correctly programmed.
Table 85. Scan Signals for the Oscillator
(1)(2)(3)
Enable Signal
Scanned Clock Line
Clock Option
Scanned Clock
Line when Not
Used
EXTCLKEN
EXTCLK (XTAL1)
External Clock
0
OSCON
OSCCK
External Crystal
External Ceramic Resonator
0
OSC32EN
OSC32CK
Low Freq. External Crystal
0
TOSKON
TOSCK
32 kHz Timer Oscillator
0
0
1
DQ
From
Previous
Cell
ClockDR
ShiftDR
To
Next
Cell
To System Logic
FF1
0
1
DQ
DQ
G
0
1
From
Previous
Cell
ClockDR
UpdateDR
ShiftDR
To
Next
Cell
EXTEST
From Digital Logic
XTAL1/TOSC1
XTAL2/TOSC2
Oscillator
ENABLE
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com