Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 210 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 210 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 206Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 207Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 208Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 210Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 211Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 213Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 214Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 324 page
background image
210
2513K–AVR–07/09
ATmega162/V
Figure 88. General Port Pin Schematic Diagram
Scanning the RESET
pin
The RESET pin accepts 5V active low logic for standard reset operation, and 12V active high
logic for high voltage parallel programming. An observe-only cell as shown in Figure 89 is
inserted both for the 5V reset signal; RSTT, and the 12V reset signal; RSTHV.
Figure 89. Observe-only Cell
CLK
RPx
RRx
WRx
RDx
WDx
PUD
SYNCHRONIZER
WDx:
WRITE DDRx
WRx:
WRITE PORTx
RRx:
READ PORTx REGISTER
RPx:
READ PORTx PIN
PUD:
PULLUP DISABLE
CLK
:
I/O CLOCK
RDx:
READ DDRx
D
L
Q
Q
RESET
RESET
Q
Q
D
Q
Q
D
CLR
PORTxn
Q
Q
D
CLR
DDxn
PINxn
SLEEP
SLEEP:
SLEEP CONTROL
Pxn
I/O
I/O
See Boundary-Scan Description
for Details!
PUExn
OCxn
ODxn
IDxn
PUExn:
PULLUP ENABLE for pin Pxn
OCxn:
OUTPUT CONTROL for pin Pxn
ODxn:
OUTPUT DATA to pin Pxn
IDxn:
INPUT DATA from pin Pxn
0
1
DQ
From
Previous
Cell
ClockDR
ShiftDR
To
Next
Cell
From System Pin
To System Logic
FF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com