Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 207 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 207 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 203Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 204Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 205Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 206Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 207Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 208Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 209Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 210Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 211Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 324 page
background image
207
2513K–AVR–07/09
ATmega162/V
IDCODE; 0x1
Optional JTAG instruction selecting the 32-bit ID-register as data register. The ID-Register con-
sists of a version number, a device number and the manufacturer code chosen by JEDEC. This
is the default instruction after Power-up.
The active states are:
•
Capture-DR: Data in the IDCODE Register is sampled into the Boundary-scan Chain.
•
Shift-DR: The IDCODE scan chain is shifted by the TCK input.
SAMPLE_PRELOAD;
0x2
Mandatory JTAG instruction for preloading the output latches and taking a snapshot of the
input/output pins without affecting the system operation. However, the output latches are not
connected to the pins. The Boundary-scan Chain is selected as Data Register.
The active states are:
•
Capture-DR: Data on the external pins are sampled into the Boundary-scan Chain.
•
Shift-DR: The Boundary-scan Chain is shifted by the TCK input.
•
Update-DR: Data from the Boundary-scan chain is applied to the output latches. However,
the output latches are not connected to the pins.
AVR_RESET; 0xC
The AVR specific public JTAG instruction for forcing the AVR device into the Reset mode or
releasing the JTAG Reset source. The TAP controller is not reset by this instruction. The one bit
Reset Register is selected as data register. Note that the reset will be active as long as there is
a logic 'one' in the Reset Chain. The output from this chain is not latched.
The active states are:
•
Shift-DR: The Reset Register is shifted by the TCK input.
BYPASS; 0xF
Mandatory JTAG instruction selecting the Bypass Register for data register.
The active states are:
•
Capture-DR: Loads a logic “0” into the Bypass Register.
•
Shift-DR: The Bypass Register cell between TDI and TDO is shifted.
Boundary-scan
Related Register in I/O
Memory
MCU Control and
Status Register –
MCUCSR
The MCU Control and Status Register contains control bits for general MCU functions, and pro-
vides information on which reset source caused an MCU Reset.
• Bit 7 – JTD: JTAG Interface Disable
When this bit is zero, the JTAG interface is enabled if the JTAGEN Fuse is programmed. If this
bit is one, the JTAG interface is disabled. In order to avoid unintentional disabling or enabling of
the JTAG interface, a timed sequence must be followed when changing this bit: The application
software must write this bit to the desired value twice within four cycles to change its value.
If the JTAG interface is left unconnected to other JTAG circuitry, the JTD bit should be set to
one. The reason for this is to avoid static current at the TDO pin in the JTAG interface.
Bit
765
432
10
JTD
–
SM2
JTRF
WDRF
BORF
EXTRF
PORF
MCUCSR
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com