Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 216 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 216 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 213Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 214Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 215Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 216Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 217Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 218Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 219Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 220Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 324 page
background image
216
2513K–AVR–07/09
ATmega162/V
Note:
1. PRIVATE_SIGNAL1 should always be scanned in as zero.
Boundary-scan
Description
Language Files
Boundary-scan Description Language (BSDL) files describe Boundary-scan capable devices in
a standard format used by automated test-generation software. The order and function of bits in
the Boundary-scan Data Register are included in this description. A BSDL file for ATmega162 is
available.
15
PA5.Pullup_Enable
Port A
14
PA4.Data
13
PA4.Control
12
PA4.Pullup_Enable
11
PA3.Data
10
PA3.Control
9
PA3.Pullup_Enable
8PA2.Data
7
PA2.Control
6
PA2.Pullup_Enable
5PA1.Data
4
PA1.Control
3
PA1.Pullup_Enable
2PA0.Data
1
PA0.Control
0
PA0.Pullup_Enable
Table 87. ATmega162 Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com