Electronic Components Datasheet Search
  English  ▼

X  

ATmega165 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 81Page - ATMEL Corporation ATmega165 Datasheet HTML 82Page - ATMEL Corporation ATmega165 Datasheet HTML 83Page - ATMEL Corporation ATmega165 Datasheet HTML 84Page - ATMEL Corporation ATmega165 Datasheet HTML 85Page - ATMEL Corporation ATmega165 Datasheet HTML 86Page - ATMEL Corporation ATmega165 Datasheet HTML 87Page - ATMEL Corporation ATmega165 Datasheet HTML 88Page - ATMEL Corporation ATmega165 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 336 page
background image
85
ATmega165/V
2573G–AVR–07/09
Figure 37 shows the setting of OCF0A and the clearing of TCNT0 in CTC mode.
Figure 37. Timer/Counter Timing Diagram, Clear Timer on Compare Match mode, with
Prescaler (f
clk_I/O/8)
8-bit Timer/Counter
Register Description
Timer/Counter Control
Register A – TCCR0A
• Bit 7 – FOC0A: Force Output Compare A
The FOC0A bit is only active when the WGM00 bit specifies a non-PWM mode. How-
ever, for ensuring compatibility with future devices, this bit must be set to zero when
TCCR0 is written when operating in PWM mode. When writing a logical one to the
FOC0A bit, an immediate compare match is forced on the Waveform Generation unit.
The OC0A output is changed according to its COM0A1:0 bits setting. Note that the
FOC0A bit is implemented as a strobe. Therefore it is the value present in the
COM0A1:0 bits that determines the effect of the forced compare.
A FOC0A strobe will not generate any interrupt, nor will it clear the timer in CTC mode
using OCR0A as TOP.
The FOC0A bit is always read as zero.
• Bit 6, 3 – WGM01:0: Waveform Generation Mode
These bits control the counting sequence of the counter, the source for the maximum
(TOP) counter value, and what type of waveform generation to be used. Modes of oper-
ation supported by the Timer/Counter unit are: Normal mode, Clear Timer on Compare
match (CTC) mode, and two types of Pulse Width Modulation (PWM) modes. See Table
42 and “Modes of Operation” on page 80.
OCFnx
OCRnx
TCNTn
(CTC)
TOP
TOP - 1
TOP
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)
Bit
7
6
5
4
3
2
1
0
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
TCCR0
Read/Write
W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com