Electronic Components Datasheet Search
  English  ▼

X  

ATmega165 Datasheet(PDF) 182 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 178Page - ATMEL Corporation ATmega165 Datasheet HTML 179Page - ATMEL Corporation ATmega165 Datasheet HTML 180Page - ATMEL Corporation ATmega165 Datasheet HTML 181Page - ATMEL Corporation ATmega165 Datasheet HTML 182Page - ATMEL Corporation ATmega165 Datasheet HTML 183Page - ATMEL Corporation ATmega165 Datasheet HTML 184Page - ATMEL Corporation ATmega165 Datasheet HTML 185Page - ATMEL Corporation ATmega165 Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 336 page
background image
182
ATmega165/V
2573G–AVR–07/09
(transparent) during the first half of a serial clock cycle when an external clock source is
selected (USICS1 = 1), and constantly open when an internal clock source is used
(USICS1 = 0). The output will be changed immediately when a new MSB written as long
as the latch is open. The latch ensures that data input is sampled and data output is
changed on opposite clock edges.
Note that the corresponding Data Direction Register to the pin must be set to one for
enabling data output from the Shift Register.
USI Status Register – USISR
The Status Register contains Interrupt Flags, line Status Flags and the counter value.
• Bit 7 – USISIF: Start Condition Interrupt Flag
When Two-wire mode is selected, the USISIF Flag is set (to one) when a start condition
is detected. When output disable mode or Three-wire mode is selected, the flag is set
when the 4-bit counter is incremented.
An interrupt will be generated when the flag is set while the USISIE bit in USICR and the
Global Interrupt Enable Flag are set. The flag will only be cleared by writing a logical one
to the USISIF bit. Clearing this bit will release the start detection hold of USCL in Two-
wire mode.
A start condition interrupt will wakeup the processor from all sleep modes.
• Bit 6 – USIOIF: Counter Overflow Interrupt Flag
This flag is set (one) when the 4-bit counter overflows (i.e., at the transition from 15 to
0). An interrupt will be generated when the flag is set while the USIOIE bit in USICR and
the Global Interrupt Enable Flag are set. The flag will only be cleared if a one is written
to the USIOIF bit. Clearing this bit will release the counter overflow hold of SCL in Two-
wire mode.
A counter overflow interrupt will wakeup the processor from Idle sleep mode.
• Bit 5 – USIPF: Stop Condition Flag
When Two-wire mode is selected, the USIPF Flag is set (one) when a stop condition is
detected. The flag is cleared by writing a one to this bit. Note that this is not an Interrupt
Flag. This signal is useful when implementing Two-wire bus master arbitration.
• Bit 4 – USIDC: Data Output Collision
This bit is logical one when bit 7 in the Shift Register differs from the physical pin value.
The flag is only valid when Two-wire mode is used. This signal is useful when imple-
menting Two-wire bus master arbitration.
• Bits 3..0 – USICNT3..0: Counter Value
These bits reflect the current 4-bit counter value. The 4-bit counter value can directly be
read or written by the CPU.
The 4-bit counter increments by one for each clock generated either by the external
clock edge detector, by a Timer/Counter0 Compare Match, or by software using USI-
Bit
7
6
5
4
3
210
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
USISR
Read/Write
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com