Electronic Components Datasheet Search
  English  ▼

X  

ATmega165 Datasheet(PDF) 275 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 275 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 271Page - ATMEL Corporation ATmega165 Datasheet HTML 272Page - ATMEL Corporation ATmega165 Datasheet HTML 273Page - ATMEL Corporation ATmega165 Datasheet HTML 274Page - ATMEL Corporation ATmega165 Datasheet HTML 275Page - ATMEL Corporation ATmega165 Datasheet HTML 276Page - ATMEL Corporation ATmega165 Datasheet HTML 277Page - ATMEL Corporation ATmega165 Datasheet HTML 278Page - ATMEL Corporation ATmega165 Datasheet HTML 279Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 336 page
background image
275
ATmega165/V
2573G–AVR–07/09
including the first read byte. This ensures that the first data is captured from the first
address set up by PROG_COMMANDS, and reading the last location in the page
makes the program counter increment into the next page.
Figure 126. Flash Data Byte Register
The state machine controlling the Flash Data Byte Register is clocked by TCK. During
normal operation in which eight bits are shifted for each Flash byte, the clock cycles
needed to navigate through the TAP controller automatically feeds the state machine for
the Flash Data Byte Register with sufficient number of clock pulses to complete its oper-
ation transparently for the user. However, if too few bits are shifted between each
Update-DR state during page load, the TAP controller should stay in the Run-Test/Idle
state for some TCK cycles to ensure that there are at least 11 TCK cycles between each
Update-DR state.
Programming Algorithm
All references below of type “1a”, “1b”, and so on, refer to Table 115.
Entering Programming Mode
1.
Enter JTAG instruction AVR_RESET and shift 1 in the Reset Register.
2.
Enter instruction PROG_ENABLE and shift 0b1010_0011_0111_0000 in the
Programming Enable Register.
Leaving Programming Mode
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Disable all programming instructions by using no operation instruction 11a.
3.
Enter instruction PROG_ENABLE and shift 0b0000_0000_0000_0000 in the
programming Enable Register.
4.
Enter JTAG instruction AVR_RESET and shift 0 in the Reset Register.
Performing Chip Erase
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Start Chip Erase using programming instruction 1a.
3.
Poll for Chip Erase complete using programming instruction 1b, or wait for
t
WLRH_CE (refer to Table 112 on page 259).
TDI
TDO
D
A
T
A
Flash
EEPROM
Fuses
Lock Bits
STROBES
ADDRESS
State
Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com