Electronic Components Datasheet Search
  English  ▼

X  

SCA21X0 Datasheet(PDF) 21 Page - VTI technologies

Part # SCA21X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA21X0 Datasheet(HTML) 21 Page - VTI technologies

Back Button SCA21X0 Datasheet HTML 17Page - VTI technologies SCA21X0 Datasheet HTML 18Page - VTI technologies SCA21X0 Datasheet HTML 19Page - VTI technologies SCA21X0 Datasheet HTML 20Page - VTI technologies SCA21X0 Datasheet HTML 21Page - VTI technologies SCA21X0 Datasheet HTML 22Page - VTI technologies SCA21X0 Datasheet HTML 23Page - VTI technologies SCA21X0 Datasheet HTML 24Page - VTI technologies SCA21X0 Datasheet HTML 25Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
21/35
www.vti.fi
Doc. Nr. 82 694 00 C
SPI frame format and transfer protocol is presented in Figure 3.
Figure 3:
SPI frame format
•
MOSI
•
A5:A0
Register address
•
RB/W
Read/Write selection, '0'=read
•
aPAR
Odd parity for bits A5:A0, RB/W
•
DI7:DI0
Input data for data write
•
MISO
•
Bit 1
not defined bit
•
FRME
Frame error indication (previous frame)
•
Bit 3-5 status bits
•
PORST Power On Reset Status
•
ST
Self Test error, not defined in SCA8X0
•
SAT
Output SATuration indicator, not defined in SCA8X0
•
Bit 6
always ‘0’, fixed bit
•
Bit 7
always ‘1’, fixed bit
•
dPAR
Odd parity for output data (DO7:DO0)
•
DO7:DO0
Output data
Each communication frame contains 16 bits. Please see Figure 3 for SPI bit definition. The first 8
bits in MOSI line contains info about the operation (read/write) and the register address being
accessed. First 6 bits define 6 bit address for selected operation, which is defined by bit 7 (‘0’ =
read ‘1’ = write), which is followed by odd parity bit (aPAR) for 8 bit pattern. The later 8 bits in MOSI
line contain data for a write operation and are ignored in case of read operation.
The first bits in MISO line are frame error bit (FRME, bit2) of previous frame, reset status bit
(PORST, bit3), self-test status bit (ST, bit4), saturation status (SAT, bit5), fixed zero bit (bit6), fixed
one bit (bit7) and odd parity bit of output data (dPAR, bit8)). Parity is calculated from data, which is
currently sent. The later 8 bits contain data for a read operation. During the write operation, these
data bits are previous data bits of addressed register.
For write commands, data is written into the addressed register on the rising edge of CSB. If the
command frame is invalid, data will not be written into the register.
The output register is shifted out MSB first over MISO output. Attempt to read a reserved register
outputs data of 00h.
When CSB is high state between data transfers, MISO line is in high-impedance state. If bit
CTRL.SDODIS is set to ‘1’, MISO line is always in high-impedance state. In multi-chip SPI bus
master can send data to all slave chips simultaneously.
4.1
Output of Acceleration Data
16-bit data is sent in 8-bit data bytes during two frames. Each frame contains odd parity bit of data
bits. Number format of acceleration data is two’s complement number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com