Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321D-MU Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT45DB321D-MU
Description  32-megabit 2.7-volt DataFlash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D-MU Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT45DB321D-MU Datasheet HTML 47Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 48Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 49Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 50Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 51Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 52Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 53Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 54Page - ATMEL Corporation AT45DB321D-MU Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
51
3597N–DFLASH–04/09
AT45DB321D
27.2 8MW – MLF (VDFN)
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8MW, 8-pad, 8 x 6 x 1.0 mm Body, Very Thin Dual Flat Package
No Lead (MLF)
B
8MW
5/25/06
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
1.00
A1
–
–
0.05
b
0.35
0.40
0.48
D
7.90
8.00
8.10
D1
6.30
6.40
6.50
E
5.90
6.00
6.10
E1
4.70
4.80
4.90
e
1.27
L
0.45
0.50
0.55
K
0.30 REF
Pin 1 ID
TOP VIEW
Pin #1 ID
BOTTOM VIEW
D1
E1
L
b
D
E
e
A1
A
SIDE VIEW
K
1
Pin #1
Chamfer
(C 0.30)
Option A
Pin #1
Notch
(0.20 R)
Option B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com