Electronic Components Datasheet Search
  English  ▼

X  

AT89LP2052 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 67Page - ATMEL Corporation AT89LP2052 Datasheet HTML 68Page - ATMEL Corporation AT89LP2052 Datasheet HTML 69Page - ATMEL Corporation AT89LP2052 Datasheet HTML 70Page - ATMEL Corporation AT89LP2052 Datasheet HTML 71Page - ATMEL Corporation AT89LP2052 Datasheet HTML 72Page - ATMEL Corporation AT89LP2052 Datasheet HTML 73Page - ATMEL Corporation AT89LP2052 Datasheet HTML 74Page - ATMEL Corporation AT89LP2052 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
71
3547J–MICRO–10/09
AT89LP2052/LP4052
23.4.15
Read Status
Function:
• Read memory status byte.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to 0xAA and pulse XTAL1 high.
3.
Drive P1 to 0x60 and pulse XTAL1 high.
4.
Drive P1 to 0x00 and pulse XTAL1 high.
5.
Drive P1 to 0x00 and bring XTAL1 high.
6.
Tri-state P1.
7.
Bring XTAL1 low.
8.
Read data from P1.
9.
Drive CS high.
Figure 23-19. Read Status Sequence
Note:
The waveform on this page is not to scale.
AAh
60h
00h
00h
1111SSSS
CS
XTAL1
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com