Electronic Components Datasheet Search
  English  ▼

X  

MK712R Datasheet(PDF) 11 Page - Integrated Device Technology

Part # MK712R
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712R Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button MK712R Datasheet HTML 7Page - Integrated Device Technology MK712R Datasheet HTML 8Page - Integrated Device Technology MK712R Datasheet HTML 9Page - Integrated Device Technology MK712R Datasheet HTML 10Page - Integrated Device Technology MK712R Datasheet HTML 11Page - Integrated Device Technology MK712R Datasheet HTML 12Page - Integrated Device Technology MK712R Datasheet HTML 13Page - Integrated Device Technology MK712R Datasheet HTML 14Page - Integrated Device Technology MK712R Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ / ICS™ TOUCH SCREEN CONTROLLER
11
MK712
REV L 070805
DC Electrical Characteristics
Unless stated otherwise,VDD = 3.3 V or 5V, TA = 0 to +70° C (commercial), -30°C to +70°C (industrial), -35°C to
+85°C (automotive)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
Commercial and
industrial
3.0
5.5
V
Operating Voltage
VDD
Automotive
3.135
5.5
V
Input High Voltage
VIH
VDD=5 V
2
V
Input Low Voltage
VIL
VDD=5 V
0.8
V
Output High Voltage
VOH
IOH = -2 mA
VDD-0.4
V
Output High Voltage
VOH
VDD=5 V,
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
VDD=5 V,
IOL = 12 mA
0.4
V
Input High Voltage
VIH
VDD=3.3 V
1.9
V
Input Low Voltage
VIL
VDD=3.3 V
0.4
V
Output High Voltage
VOH
VDD=3.3 V,
IOH = -8 mA
2.4
V
Output Low Voltage
VOL
VDD=3.3 V,
IOL = 8 mA
0.4
V
Operating Supply Current
IDD
At VDD=5 V, 300
Ω
screen, 100 PPS
5mA
At VDD=3.3 V, Note 3
3
mA
Standby, Clock, Note 4
0.5
3
µA
Standby, Note 5
0.5
3
µA
Power down, PD=0 or
PD=1, no clock
0.2
3
µA
Short Circuit Current
IOS
Each output
±50
mA
Input Capacitance
CIN
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com