Electronic Components Datasheet Search
  English  ▼

X  

MK712RLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MK712RLF
Description  TOUCH SCREEN CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712RLF Datasheet(HTML) 2 Page - Integrated Device Technology

  MK712RLF Datasheet HTML 1Page - Integrated Device Technology MK712RLF Datasheet HTML 2Page - Integrated Device Technology MK712RLF Datasheet HTML 3Page - Integrated Device Technology MK712RLF Datasheet HTML 4Page - Integrated Device Technology MK712RLF Datasheet HTML 5Page - Integrated Device Technology MK712RLF Datasheet HTML 6Page - Integrated Device Technology MK712RLF Datasheet HTML 7Page - Integrated Device Technology MK712RLF Datasheet HTML 8Page - Integrated Device Technology MK712RLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ / ICS™ TOUCH SCREEN CONTROLLER
2
MK712
REV L 070805
Pin Descriptions
Interrupts
Interrupts are controlled by register 6 (see Register Description). The INT pin (pin 2) goes high to signal an
interrupt. Interrupts are then cleared by reading any register. However, if the MK712 is in the process of generating
an interrupt during a read cycle, then the interrupt is not cleared and INT will stay high. This internal process may
take 100ns, and so to guarantee that the interrupt is cleared, two successive read cycles may be necessary.
Pin
Number
Pin
Name
Pin Type
Pin Description
1
NC
—
No connect. Do not connect this pin to anything.
2
INT
Output
Interrupt. Goes high to signal an interrupt. Cleared on next read.
3
TOUCH
Output
Touch signal. Goes low when screen is touched. Goes high when not touched.
4
VDD
Power
Power Supply. Connect to +5 V or +3.3 V. (Connect all VDDs to same voltage)
5
VDD
Power
Power Supply. Connect to +3.3 V.
6
XH
Touch Screen Pin
Connect to X-high on touch screen. (Right side)
7
XL
Touch Screen Pin
Connect to X-low on touch screen. (Left side)
8
YH
Touch Screen Pin
Connect to Y-high on touch screen. (Top)
9
YL
Touch Screen Pin
Connect to Y-low on touch screen. (Bottom)
10
GND
Power
Connect to ground.
11
GND
Power
Connect to ground.
12
WR
Input
Write enable. Active low.
13
RD
Input
Read enable. Active low.
14
CS
Input
Chip select. Active low.
15
A2
Input
Register address 2.
16
A1
Input
Register address 1.
17
A0
Input
Register address 0.
18
CLKIN
Input
Clock input. Typically 14.3 MHz. Best if driven by an ICS clock synthesizer.
19
D7
I/O
Data bit 7.
20
D6
I/O
Data bit 6.
21
GND
Power
Connect to ground.
22
VDD
Power
Power Supply. Connect to +5 V or +3.3 V. (Connect all VDDs to same voltage)
23
D5
I/O
Data bit 5.
24
D4
I/O
Data bit 4.
25
D3
I/O
Data bit 3.
26
D2
I/O
Data bit 2.
27
D1
I/O
Data bit 1.
28
D0
I/O
Data bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com