Electronic Components Datasheet Search
  English  ▼

X  

WCS1702 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WCS1702
Description  Hall Effect Base Linear Current Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS1702 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WCS1702 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS1702 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS1702 Datasheet HTML 3Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WCS1702
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2009/9/7
Hall Effect Base Linear Current Sensor
Features:
Low noise analog signal path
0.24 Ω internal conductor resistance
Output voltage proportional to AC and DC current
Min. sensing current 2.0A at 5V voltage supply
High Sensitivity 1 mV/mA
Wide operating voltage range 3.0~12 V.
Low operating current 3mA
Nearly zero magnetic hysteresis.
Ratiometric output from supply voltage
10K Hz bandwidth
Functional Description :
The Winson WCS1702 provides economical and precise solution for both
DC and AC current sensing in industrial, commercial and communications
systems. The unique package allows for easy implementation by the customer.
Typical applications include motor control, load detection and management,
over-current fault detection and any intelligent power management system
etc…
The WCS1702 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation circuit and a current transformer
with 0.24 Ω typical internal conductor resistance. This extremely low
resistance can effectively reduce power loss, operating temperature and
increase the reliability greatly. Applied current flowing through this conduction
path generates a magnetic field which is sensed by the integrated Hall IC and
converted into a proportional voltage.
The terminals of the conductive path are electrically isolated from the
sensor leads. This allow the WCS1702 current sensor to be used in
applications requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques and make system more competitive in cost.


Similar Part No. - WCS1702

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1700 WINSON-WCS1700 Datasheet
114Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1700 WINSON-WCS1700 Datasheet
480Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1700 WINSON-WCS1700_15 Datasheet
480Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1700 WINSON-WCS1700_17 Datasheet
480Kb / 5P
Hall Effect Base Linear Current Sensor
More results

Similar Description - WCS1702

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
WCS38A25 DIWELL-WCS38A25 Datasheet
794Kb / 5P
Hall Effect Base Linear Current Sensor
2019/5/13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com