Electronic Components Datasheet Search
  English  ▼

X  

AT25DF161 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT25DF161 Datasheet HTML 46Page - ATMEL Corporation AT25DF161 Datasheet HTML 47Page - ATMEL Corporation AT25DF161 Datasheet HTML 48Page - ATMEL Corporation AT25DF161 Datasheet HTML 49Page - ATMEL Corporation AT25DF161 Datasheet HTML 50Page - ATMEL Corporation AT25DF161 Datasheet HTML 51Page - ATMEL Corporation AT25DF161 Datasheet HTML 52Page - ATMEL Corporation AT25DF161 Datasheet HTML 53Page - ATMEL Corporation AT25DF161 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
50
3687C–DFLASH–7/09
AT25DF161 [Preliminary]
VIH
Input High Voltage
0.7 x VCC
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100 µA; VCC = Min
VCC - 0.2V
V
15.4 AC Characteristics – Maximum Clock Frequencies
Symbol
Parameter
Min
Max
Units
RapidS and SPI Operation
fMAX
Maximum Clock Frequency for All Operations – RapidS Operation Only
(excluding 0Bh, 03h, 3Bh, and 9F opcodes)
100
MHz
fCLK
Maximum Clock Frequency for All Operations
(excluding 03h and 3Bh opcodes)
85
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode (Read Array – Low Frequency)
50
MHz
fRDDO
Maximum Clock Frequency for 3Bh Opcode (Dual-Output Read)
85
MHz
15.5 AC Characteristics – All Other Parameters
Symbol
Parameter
Min
Max
Units
tCLKH
Clock High Time
4.3
ns
tCLKL
Clock Low Time
4.3
ns
tCLKR
(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCSH
Chip Select High Time
50
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
5
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
5
ns
tCSHS
Chip Select High Setup Time (relative to Clock)
5
ns
tCSHH
Chip Select High Hold Time (relative to Clock)
5
ns
tDS
Data In Setup Time
2ns
tDH
Data In Hold Time
1ns
tDIS
(1)
Output Disable Time
5ns
tV
(2)
Output Valid Time
5ns
tOH
Output Hold Time
2ns
tHLS
HOLD Low Setup Time (relative to Clock)
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
5
ns
tHLQZ(1)
HOLD Low to Output High-Z
5ns
tHHQX(1)
HOLD High to Output Low-Z
5ns
tWPS
(1)(3)
Write Protect Setup Time
20
ns
15.3 DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com