Electronic Components Datasheet Search
  English  ▼

X  

ICS95V857 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS95V857
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS95V857 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 9Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 10Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 11Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 12Page - Integrated Circuit Systems ICS95V857 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
ICS95V857
0674U—01/27/09
Example:
95V857AKLFT
Ordering Information
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
K = MLF
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX y K (LF) T
Top View
Index Area
1
E
D
Sawn
Singulation
Anvil
Singulation
or
A
0.08
C
C
A3
A1
Seating Plane
E2
E2
2
L
(N
-1)x e
(Ref.)
D
(Ref.)
N& N
Even
D
E
N
e
D2
2
D2
D
E
(Ref.)
N& N
Odd
1
2
e
2
(Typ.)
If N & N
are Even
(N -1)x e
(Ref.)
E
E
D
b
Thermal
Base
2
N
ALL D IMEN SIONS IN MILLIMETERS
N
SYMBOL
MIN.
MAX.
ND
A
0.80
1.00
NE
A1
0
0.05
D x E BASIC
A3
D2 MIN. / MAX.
b
0.18
0.30
E2 MIN. / MAX.
e
L MIN. / MAX.
10-0053
Source Reference: MLF2™SE
THERMALLY ENHAN CED, VERY THIN , FINE PITCH
QUAD FLAT / N O LEAD PLASTIC PACKAGE
0.30 / 0.50
0.25 Reference
0.50 BASIC
6.00 x 6.00
2.75 / 3.05
2.75 / 3.05
40
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com