Electronic Components Datasheet Search
  English  ▼

X  

WSH201 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH201
Description  Linear Hall Effect Sensor IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH201 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH201 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH201 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH201 Datasheet HTML 3Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSH201
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2009/5/19
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Vcc
─
2.2
─
12
V
Supply Current
Isupply
B=0 Guass
─
3.25
5.0
mA
Quiescent Vout
Vout
B=0 Guass
2.0
2.25
2.5
V
Sensitivity (Single
Ended)
△Vout
B= 0 to ± 50 G
7.0
10.0
13.0
mV/G
Sensitivity
(Differential)
△Vout
B= 0 to ± 50 G
15.0
20.0
25.0
mV/G
Bandwidth
BW
-
16
-
kHz
Measurable Range
MR
-
±100
-
Guass
Input Impedence
Rin
B=0 Guass
-
3.3
-
kΩ
All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com