Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 97Page - ATMEL Corporation AT89LP6440 Datasheet HTML 98Page - ATMEL Corporation AT89LP6440 Datasheet HTML 99Page - ATMEL Corporation AT89LP6440 Datasheet HTML 100Page - ATMEL Corporation AT89LP6440 Datasheet HTML 101Page - ATMEL Corporation AT89LP6440 Datasheet HTML 102Page - ATMEL Corporation AT89LP6440 Datasheet HTML 103Page - ATMEL Corporation AT89LP6440 Datasheet HTML 104Page - ATMEL Corporation AT89LP6440 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 194 page
background image
101
3706A–MICRO–9/09
AT89LP6440 - Preliminary
.
Notes:1. In these modes MOSI is active only during transfers. MOSI will be pulled high between trans-
fers to allow other masters to control the line.
2. In Push-Pull mode MOSI is active only during transfers, otherwise it is tristated to prevent line
contention. A weak external pull-up may be required to prevent MOSI from floating.
Table 17-1.
SPI Pin Configuration and Behavior when SPE = 1
Pin
Mode
Master (MSTR = 1)
Slave (MSTR = 0)
SCK
Quasi-bidirectionalOutputInput (Internal Pull-up)
Push-Pull OutputOutputInput (Tristate)
Input-Only
No output (Tristated)
Input (Tristate)
Open-Drain OutputOutput
Input (External Pull-up)
MOSI
Quasi-bidirectionalOutput(1)
Input (Internal Pull-up)
Push-Pull OutputOutput(2)
Input (Tristate)
Input-Only
No output (Tristated)
Input (Tristate)
Open-Drain OutputOutput(1)
Input (External Pull-up)
MISO
Quasi-bidirectionalInput (Internal Pull-up)
Output (SS = 0)
Internal Pull-up (SS = 1 or DISSO = 1)
Push-Pull OutputInput (Tristate)
Output (SS = 0)
Tristated (SS = 1 or DISSO = 1)
Input-Only
Input (Tristate)
No output (Tristated)
Open-Drain OutputInput (External Pull-up)
Output (SS = 0)
External Pull-up (SS = 1 or DISSO = 1)
Table 17-2.
SPCR – SPI Control Register
SPCR Address = E9H
Reset Value = 0000 0000B
Not Bit Addressable
TSCK
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
765432
10
Symbol
Function
TSCK
SCK Clock Mode. When TSCK = 0, the SCK baud rate is based on the system clock, divided by the SPR1-0 ratio.When
TSCK = 1, the SCK baud rate is based on the Timer 1 overflow rate, divided by the SPR
1-0 ratio.
SPE
SPI enable. SPI = 1 enables the SPI channel and connects SS, MOSI, MISO and SCK to pins P1.4, P1.5, P1.6, and P1.7.
SPI = 0 disables the SPI channel.
DORD
Data order. DORD = 1 selects LSB first data transmission. DORD = 0 selects MSB first data transmission.
MSTR
Master/slave select. MSTR = 1 selects Master SPI mode. MSTR = 0 selects slave SPI mode.
CPOL
Clock polarity. When CPOL = 1, SCK is high when idle. When CPOL = 0, SCK of the master device is low when not
transmitting. Please refer to figure on SPI clock phase and polarity control.
CPHA
Clock phase. The CPHA bit together with the CPOL bit controls the clock and data relationship between master and
slave. Please refer to figure on SPI clock phase and polarity control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com