Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 125 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 121Page - ATMEL Corporation AT89LP6440 Datasheet HTML 122Page - ATMEL Corporation AT89LP6440 Datasheet HTML 123Page - ATMEL Corporation AT89LP6440 Datasheet HTML 124Page - ATMEL Corporation AT89LP6440 Datasheet HTML 125Page - ATMEL Corporation AT89LP6440 Datasheet HTML 126Page - ATMEL Corporation AT89LP6440 Datasheet HTML 127Page - ATMEL Corporation AT89LP6440 Datasheet HTML 128Page - ATMEL Corporation AT89LP6440 Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 194 page
background image
125
3706A–MICRO–9/09
AT89LP6440 - Preliminary
18.6.5
Miscellaneous States
There are two status codes that do not correspond to a defined TWI state, see Table 18-10.
Status F8h indicates that no relevant information is available because the TWIF flag is not set.
This occurs between other states, and when the TWI is not involved in a serial transfer.
Status 00h indicates that a bus error has occurred during a Two-wire Serial Bus transfer. A bus
error occurs when a START or STOP condition occurs at an illegal position in the format frame.
Examples of such illegal positions are during the serial transfer of an address byte, a data byte,
or an acknowledge bit. When a bus error occurs, TWIF is set. To recover from a bus error, the
STO flag must set and TWIF must be cleared. This causes the TWI to enter the not addressed
Slave mode and to clear the STO flag (no other bits in TWCR are affected). The SDA and SCL
lines are released, and no STOP condition is transmitted.
18.6.6
Combining Several TWI Modes
In some cases, several TWI modes must be combined in order to complete the desired action.
Consider for example reading data from a serial EEPROM. Typically, such a transfer involves
the following steps:
1.
The transfer must be initiated.
2.
The EEPROM must be instructed what location should be read.
3.
The reading must be performed.
4.
The transfer must be finished.
Note that data is transmitted both from Master to Slave and vice versa. The Master must instruct
the Slave what location it wants to read, requiring the use of the MT mode. Subsequently, data
must be read from the Slave, implying the use of the MR mode. Thus, the transfer direction must
be changed. The Master must keep control of the bus during all these steps, and the steps
should be carried out as an atomic operation. If this principle is violated in a multi-master sys-
tem, another Master can alter the data pointer in the EEPROM between steps 2 and 3, and the
Master will read the wrong data location. Such a change in transfer direction is accomplished by
transmitting a REPEATED START between the transmission of the address byte and reception
of the data. After a REPEATED START, the Master keeps ownership of the bus. The following
figure shows the flow in this transfer.
Table 18-10. Miscellaneous States
Status
Code
(TWSR)
Status of the Two-wire
Serial Bus and Two-wire
Serial Interface hardware
Application Software Response
Next Action Taken by TWI Hardware
To/from TWDR
To TWCR
STA
STO
TWIF
AA
F8h
No relevant state
information available;
TWIF = “0”
No action
No action
Wait or proceed current transfer
00h
Bus error due to an illegal
START or STOP condition
No action
0
1
1
X
Only the internal hardware is affected, no STOP
condition is sent on the bus. In all cases, the
bus is released and STO is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com