Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 139Page - ATMEL Corporation AT89LP6440 Datasheet HTML 140Page - ATMEL Corporation AT89LP6440 Datasheet HTML 141Page - ATMEL Corporation AT89LP6440 Datasheet HTML 142Page - ATMEL Corporation AT89LP6440 Datasheet HTML 143Page - ATMEL Corporation AT89LP6440 Datasheet HTML 144Page - ATMEL Corporation AT89LP6440 Datasheet HTML 145Page - ATMEL Corporation AT89LP6440 Datasheet HTML 146Page - ATMEL Corporation AT89LP6440 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 194 page
background image
143
3706A–MICRO–9/09
AT89LP6440 - Preliminary
22. Instruction Set Summary
The AT89LP6440 is fully binary compatible with the 8051 instruction set. The difference
between the AT89LP6440 and the standard 8051 is the number of cycles required to execute an
instruction. Instructions in the AT89LP6440 may take 1 to 9 clock cycles to complete. The exe-
cution times of most instructions may be computed using Table 22-1.
Table 22-1.
Instruction Execution Times and Exceptions
Generic Instruction Types
Cycle Count Formula
Most arithmetic, logical, bit and transfer instructions
# bytes
Branches and Calls
# bytes + 1
Single Byte Indirect (i.e. ADD A, @Ri, etc.)
2
RET, RETI
4/5
(4)
MOVC
3
MOVX
2/4(2)
MUL
2
DIV
4
MAC
9
INC DPTR
2
Arithmetic
Bytes
Clock Cycles
Hex Code
8051
AT89LP
ADD A, Rn
1
12
1
28-2F
ADD A, direct
2
12
2
25
ADD A, @Ri
1
12
2
26-27
ADD A, #data
212
2
24
ADDC A, Rn
1
12
1
38-3F
ADDC A, direct
2
12
2
35
ADDC A, @Ri
1
12
2
36-37
ADDC A, #data
212
2
34
SUBB A, Rn
1
12
1
98-9F
SUBB A, direct
2
12
2
95
SUBB A, @Ri
1
12
2
96-97
SUBB A, #data
212
2
94
INC Rn
1
12
1
08-0F
INC direct
2
12
2
05
INC @Ri
1
12
2
06-07
INC A
2
12
2
04
DEC Rn
1
12
1
18-1F
DEC direct
2
12
2
15
DEC @Ri
1
12
2
16-17
DEC A
2
12
2
14
INC DPTR
1
24
2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com