Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 139 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation AT89LP6440 Datasheet HTML 138Page - ATMEL Corporation AT89LP6440 Datasheet HTML 139Page - ATMEL Corporation AT89LP6440 Datasheet HTML 140Page - ATMEL Corporation AT89LP6440 Datasheet HTML 141Page - ATMEL Corporation AT89LP6440 Datasheet HTML 142Page - ATMEL Corporation AT89LP6440 Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 194 page
background image
139
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Table 20-2.
DADC
– DADC Control Register
DADC = D9H
Reset Value = 0000 0000B
Not Bit Addressable
ADIF
GO/BSY
DAC
ADCE
LADJ
ACK2
ACK1
ACK0
Bit
7
6
543
21
0
Symbol
Function
ADIF
ADC Interrupt Flag. Set by hardware when a conversion completes. Cleared by hardware when calling the interrupt
service routine.
GO/BSYConversion Start/Busy Flag. In software triggered mode, writing a 1 to this bit starts a conversion. The bit remains high
while the conversion is in progress and is cleared by hardware when the conversion completes. In hardware triggered
mode, this bit is set and cleared by hardware to flag when the DADC is busy.
DAC
Digital-to-Analog Conversion Enable. Set to configure the DADC in Digital-to-Analog (DAC) mode. Clear to configure the
DADC in Analog-to-Digital (ADC) mode.
ADCE
DADC Enable. Set to enable the DADC. Clear to disable the DADC.
LADJ
Left Adjust Enable. When cleared, the ADC results are right adjusted and the MSBs are sign extended. When set, the
ADC results are left adjusted and the LSBs are zeroed.
ACK [2-0]
DADC Clock Select
ACK3
ACK1
ACK0
Clock Source
000Internal RC Oscillator/4 (2MHz)
001fsys/2
010f
sys/4
011f
sys/8
100fsys/16
101f
sys/32
110f
sys/64
111fsys/128
Table 20-3.
DADL
– DADC Data Low Register
DADL = DCH
Reset Value = 0000 0000B
Not Bit Addressable
ADC.7
ADC.6
ADC.5
ADC.4
ADC.3
ADC.2
ADC.1
ADC.0
Bit
7
6
543
21
0
Table 20-4.
DADH
– DADC Data High Register
DADH = DDH
Reset Value = 0000 0000B
Not Bit Addressable
ADC.15
ADC.14
ADC.13
ADC.12
ADC.11
ADC.10
ADC.9
ADC.8
Bit
7
6
543
21
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com