Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 131Page - ATMEL Corporation AT89LP6440 Datasheet HTML 132Page - ATMEL Corporation AT89LP6440 Datasheet HTML 133Page - ATMEL Corporation AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation AT89LP6440 Datasheet HTML 138Page - ATMEL Corporation AT89LP6440 Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 194 page
background image
135
3706A–MICRO–9/09
AT89LP6440 - Preliminary
20.1
ADC Operation
The ADC converts an analog input voltage to a 10-bit signed digital value through successive
approximation. When DIFF (DADI.3) is zero, the ADC operates in single-ended mode and the
input voltage is the difference between the voltage at the input pin and AVDD/2. In differential
mode (DIFF = 1) the input voltage is the difference between the positive and negative input pins.
The minimum value represents zero difference and the maximum values represent a difference
of positive or negative VREF minus 1 LSB.
The analog input channel is selected by writing to the ACS bits in DADI. Any of the eight Port 0
input pins can be selected as single-ended inputs to the ADC. Four pairs of Port 0 pins can be
selected as differential inputs. The ACON bit (DADI.7) must be set to one to connect the input
pins to the ADC. Prior to changing ACS, ACON must be cleared to zero. This ensures that
crosstalk between channels is limited. ACON must be set back to one after ACS is updated.
ACON and ACS should not be changed while a conversion is in progress. ADC input channels
must have their port pins configured for input-only mode.
The ADC is enabled by setting the ADCE bit in DADC. Some settling time is required for the ref-
erence circuits to stabilize after the ADC is enabled. The ADC does not consume power when
ADCE is cleared, so it is recommended to switch off the ADC before entering power saving
modes.
A timing diagram of an ADC conversion is shown in Figure 20-2. The conversion requires 13
ADC clock cycles to complete. The analog input is sampled during the third cycle of the conver-
sion and is held constant for the remainder of the conversion. At the end of the conversion, the
interrupt flag, ADIF, is set and the result is written to the data registers. An additional 1 ADC
clock cycle and up to 2 system clock cycles may be required to synchronize ADIF with the rest of
the system. The results in DADH/DADL remain valid until the next conversion completes. DADH
and DADL are read-only registers during ADC mode.
Figure 20-2. ADC Timing Diagram
The equivalent model for the analog input circuitry is illustrated in Figure 20-3. An analog source
applied to ADCn is subjected to the pin capacitance and input leakage of that pin, regardless of
whether that channel is selected as input to the ADC. When the channel is selected, the source
must drive the S/H capacitor through the series resistance (combined resistance in the input
path). To achieve 10-bit resolution the S/H capacitor must be charged to within 1/2 LSB of the
expected value within the 1 ADC clock period sample time. High impedance sources may
require a reduction in the ADC clock frequency to achieve full resolution.
12
3
4
5
6
7
8
9
10111213
MSB of Result
LSB of Result
ADC Clock
GO/BSY
ADIF
DADH
DADL
Cycle Number
12
One Conversion
Next Conversion
3
Sample & Hold
Initialize Circuitry
Conversion
Complete
Initialize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com