Electronic Components Datasheet Search
  English  ▼

X  

AT89LP6440 Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 130Page - ATMEL Corporation AT89LP6440 Datasheet HTML 131Page - ATMEL Corporation AT89LP6440 Datasheet HTML 132Page - ATMEL Corporation AT89LP6440 Datasheet HTML 133Page - ATMEL Corporation AT89LP6440 Datasheet HTML 134Page - ATMEL Corporation AT89LP6440 Datasheet HTML 135Page - ATMEL Corporation AT89LP6440 Datasheet HTML 136Page - ATMEL Corporation AT89LP6440 Datasheet HTML 137Page - ATMEL Corporation AT89LP6440 Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 194 page
background image
134
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 20-1. DADC Block Diagram
Table 20-1.
Example ADC Conversion Codes
Right Adjust
Left Adjust
Single-Ended Mode (VIN)
Differential Mode (VIN+ – VIN-)
00
AVDD/2
0
0100h
4000h
AVDD/2 + 1/2 x VREF
1/2 x VREF
01FFh
7FC0h
AVDD/2 + 511/512 x VREF
511/512 x VREF
FF00h
C000h
AVDD/2 – 1/2 x VREF
–1/2 x VREF
FE01h
8040h
AVDD/2 – 511/512 x VREF
–511/512 x VREF
8-BIT DATA BUS
15
0
ADC INPUT SELECT
REGISTER (DADI)
ADC CTRL & STATUS
REGISTER (DADC)
ADC DATA REGISTER
(DADH/DADL)
10-BIT SAR
SAMPLE &
HOLD
INTERNAL
1.0V
REFERENCE
AVDD
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
+
-
CHANNEL SELECTION
PRESCALER
AGND
POS.
INPUT
MUX
NEG.
INPUT
MUX
TRIGGER
SELECT
Timer
Overflows
INTERRUPT
FLAG
START
AVDD/2
DA+
DA-
VREF
VIN+
VIN-
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com