Electronic Components Datasheet Search
  English  ▼

X  

ICS1893 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS1893_09 Datasheet HTML 6Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 7Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 8Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 9Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 10Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 11Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 12Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 13Page - Integrated Circuit Systems ICS1893_09 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
10
Revision History
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
• This release of this document, Rev C, is dated May 22, 2000. Change bars indicate where all changes
are made. (For an explanation of change bars, see the Change Bar note on this page.) The following list
also indicates where changes occur.
– Table of Contents reflect page renumbering.
– Table 3-1 value xxx changes from 000011b to 000100b
– Section 6.5, “Twisted-Pair Interface”text changes.
– Section 6.5.1, “Twisted-Pair Transmitter Interface”and Section 6.5.2, “Twisted-Pair Receiver
Interface”are two new sections with two new figures.
– Section 6.6, “Clock Reference Interface”reflects deletion of references to crystal oscillator, as the
ICS1893 does not work with a crystal. (Section 6.6.1 and Section 6.6.2 are deleted.)
– Section 6.8, “Status Interface”has two new notes, Notes 5 and 6.
– A new figure, Figure 6-3, follows Section 6.8, “Status Interface”.
– Table 8-9 value changes from F420 to F441.
– Section 8.5.2, “Manufacturer's Model Number (bits 3.9:4)”text changes.
– Table 8-10 value changes from 0000 to 0001.
– In the following areas, ICS1894 changes to ICS1893:
• Section 8.13.1, “Remote Jabber Detect (bit 18.15)”
• Table 9-5 RXCLK pin description.
• Table 9-6 RXCLK pin description.
• Table 9-8 NC pin description.
– In the following sections, pin 54 changes from VDD_IO to VDD:
• Section 9.1, “ICS1893 Pin Diagram”
• Section 9.2, “ICS1893 Pin Listings”
• Section 9.3.6, “Ground and Power Pins”
– Table 9-4 text changes for the REF_IN and REF_OUT pin descriptions.
– Table 9-7 text changes for the RXTRI pin descriptions.
– Section 9.3.6, “Ground and Power Pins”adds the VSS ground pin, pin 22.
– Section 10.3, “Recommended Component Values”text changes.
– A new figure, Figure 10-1, follows Section 10.3, “Recommended Component Values”
.
Change Bars
Change bars on subsequent ICS1893 data sheets indicate new documents posted to the web. (Change
bars within a new version of a document also indicates changes to the document.)
–
Sample change bar
Rev D, 8/11/09 - added EOL note to ordering information per PDN U-09-01