| Electronic Components Datasheet Search |
|
ICS1893 Datasheet(PDF) 58 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 Datasheet(HTML) 58 Page - Integrated Circuit Systems |
|
58 / 152 page ![]() ICS1893 Rev C 6/6/00 June, 2000 58 Chapter 7 Functional Blocks ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 7.6.2.7 Management Frame Turnaround A valid management frame includes a turn-around field (TA), which is a 2-bit time space between the REGAD field and the Data field. This time allows an ICS1893 and an STA to avoid contentions during read transactions. During an operation that is a: • Read, an ICS1893 remains in the high-impedance state during the first bit time and subsequently drives its MDIO pin to logic zero for the second bit time. • Write, an ICS1893 waits while the STA transmits a logic one, followed by a logic zero on its MDIO pin. 7.6.2.8 Management Frame Data A valid management frame includes a 16-bit Data field for exchanging the register contents between the ICS1893 and the STA. All Management Registers are 16 bits wide, matching the width of the Data field. During a transaction that is a: • Read, (OP is 10b) the ICS1893 obtains the contents of the register identified in the REGAD field and returns this Data to the STA synchronously with its MDC signal. • Write, (OP is 01b) the ICS1893 stores the value of the Data field in the register identified in the REGAD field. If the STA attempts to: • Read from a non-existent ICS1893 register, the ICS1893 returns logic one for all bits in the Data field, FFFFh. • Write to a non-existent ICS1893 register, the ICS1893 isolates the Data field of the management frame from every reaching the registers. Note: The first Data bit transmitted and received is the most-significant bit of a Management Register, bit X.15. 7.6.2.9 Serial Management Interface Idle State The MDIO signal is in an idle state during the time between STA transactions. When the Serial Management Interface is in the idle state, the ICS1893 disables (that is, tri-states) its MDIO pin, which enters a high-impedance state. The ISO/IEC 8802-3 standard requires that an MDIO signal be idle for at least one bit time between management transactions. However, the ICS1893 does not have this limitation and can support a continual bit stream on its MDIO signals. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |