Electronic Components Datasheet Search
  English  ▼

X  

LDA102S Datasheet(PDF) 2 Page - Clare, Inc.

Part # LDA102S
Description  Unidirectional-Input, Single-Transistor Output Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA102S Datasheet(HTML) 2 Page - Clare, Inc.

  LDA102S Datasheet HTML 1Page - Clare, Inc. LDA102S Datasheet HTML 2Page - Clare, Inc. LDA102S Datasheet HTML 3Page - Clare, Inc. LDA102S Datasheet HTML 4Page - Clare, Inc. LDA102S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
LDA102
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Electrical Characteristics
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25ºC (unless otherwise noted)
Phototransistor Breakdown Voltage
I
C=10µA
BV
CEO
30
-
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
-
500
nA
Saturation Voltage
I
C=2mA, IF=1mA
V
CEsat
-
-
0.5
V
Current Transfer Ratio
I
F=1mA, VCE=0.5V
CTR
50
350
-
%
Output Capacitance
25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics @ 25ºC
Input Control Current
I
C=2mA, VCE=0.5V
I
F
--
1
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Common Characteristics @ 25ºC
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Ratings
Units
Breakdown Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Power Dissipation
Input 1
150
mW
Phototransistors 2
150
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
ºC
Storage Temperature
-40 to +125
ºC
1 Derate Linearly 1.33 mW/ºC
2 Derate Linearly 2.0 mW/ºC
Electrical absolute maximum ratings are at 25ºC
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
ON
V
CC=5V, IF=2mA, RL=1KΩ
7
μs
Turn-Off Time
t
OFF
20
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t ON
t OFF
V
CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com