Electronic Components Datasheet Search
  English  ▼

X  

LDA110 Datasheet(PDF) 1 Page - Clare, Inc.

Part # LDA110
Description  Bidirectional Input, Darlington Transistor Output Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA110 Datasheet(HTML) 1 Page - Clare, Inc.

  LDA110 Datasheet HTML 1Page - Clare, Inc. LDA110 Datasheet HTML 2Page - Clare, Inc. LDA110 Datasheet HTML 3Page - Clare, Inc. LDA110 Datasheet HTML 4Page - Clare, Inc. LDA110 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bidirectional Input, Darlington Transistor Output
Optocoupler
www.clare.com
DS-LDA110-R04
1
LDA110
RoHS
2002/95/EC
e3
Pb
Part Number
Description
LDA110
6-Pin DIP (50/tube)
LDA110S
6-Pin Surface Mount (50/tube)
LDA110STR
6-Pin Surface Mount (1000/Reel)
Perameter
Rating
Units
Breakdown Voltage - BV
CEO
30
V
P
Current Transfer Ratio
CTR (Typical)
8500
%
Saturation Voltage - V
CE (sat)
1V
Input Control Current - I
F
1mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• Bidirectional Input
• Small 6-Pin Package, Thru-Hole or Surface Mount
• 100mA Continuous Load Rating
• 3750V
rms Input/Output Isolation
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Packaging Available
LDA110 is a bidirectional input optocoupler with
a Darlington transistor output. The LDA110 has a
minimum current transfer ratio (CTR) of 300% with a
maximum value of 30,000%.
Approvals
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
1
3
2
A/K
A/K
4
5
6
B
C
E


Similar Part No. - LDA110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
Solid State Current Sensors
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA110S CLARE-LDA110S Datasheet
69Kb / 5P
Solid State Current Sensors
logo
IXYS Corporation
LDA110S IXYS-LDA110S Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
logo
Clare, Inc.
LDA110STR CLARE-LDA110STR Datasheet
69Kb / 5P
Solid State Current Sensors
More results

Similar Description - LDA110

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Clare, Inc.
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA210 IXYS-LDA210 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA212 IXYS-LDA212 Datasheet
118Kb / 6P
Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com