Electronic Components Datasheet Search
  English  ▼

X  

AT60142F Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT60142F
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142F Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT60142F Datasheet HTML 5Page - ATMEL Corporation AT60142F Datasheet HTML 6Page - ATMEL Corporation AT60142F Datasheet HTML 7Page - ATMEL Corporation AT60142F Datasheet HTML 8Page - ATMEL Corporation AT60142F Datasheet HTML 9Page - ATMEL Corporation AT60142F Datasheet HTML 10Page - ATMEL Corporation AT60142F Datasheet HTML 11Page - ATMEL Corporation AT60142F Datasheet HTML 12Page - ATMEL Corporation AT60142F Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
AT60142F
4408G–AERO–04/09
Ordering Information
Note:
1. Contact Atmel for availability.
2. Will be replaced by SMD part number when available.
3. Will be replaced by ESCC part number when available.
Part Number
Temperature Range
Speed
Package
Flow
AT60142F-DC15M-E
25
°C
15 ns/3.3V
FP36.5
Engineering Samples
5962-0520802QXC
-55
° to +125°C
15 ns/3.3V
FP36.5
QML Q
5962-0520802VXC
-55
° to +125°C
15 ns/3.3V
FP36.5
QML V
5962R0520802VXC
-55
° to +125°C
15 ns/3.3V
FP36.5
QML V RHA
930105202
-55
° to +125°C
15 ns/3.3V
FP36.5
ESCC
AT60142F-DS15M-E
25
°C
15 ns/3.3V
FP36.5 grounded lid
Engineering Samples
5962-0520802QYC
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
QML Q
5962-0520802VYC
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
QML V
5962R0520802VYC
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
QML V RHA
AT60142F-DS15-SCC(3)
-55
° to +125°C
15 ns/3.3V
FP36.5 grounded lid
ESCC
AT60142F-DD15M-E(1)
25
°C
15 ns/3.3V
Die
Engineering Samples
AT60142F-DD15MSV(1) (2)
-55
° to +125°C
15 ns/3.3V
Die
QML V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com