Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9263-CU Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT91SAM9263-CU
Description  AT91 ARM Thumb Microcontrollers
PDF  1110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263-CU Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT91SAM9263-CU Datasheet HTML 40Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 41Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 42Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 43Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 44Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 45Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 46Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 47Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 1110 page
background image
44
6249H–ATARM–27-Jul-09
AT91SAM9263 Preliminary
10.5.6
Timer Counter
• Three 16-bit Timer Counter Channels
• Wide range of functions including:
– Frequency Measurement
– Event Counting
– Interval Measurement
– Pulse Generation
–Delay Timing
– Pulse Width Modulation
– Up/down Capabilities
• Each channel is user-configurable and contains:
– Three external clock inputs
– Five internal clock inputs
– Two multi-purpose input/output signals
• Two global registers that act on all three TC Channels
10.5.7
Pulse Width Modulation Controller
• 4 channels, one 16-bit counter per channel
• Common clock generator, providing thirteen different clocks
– Modulo n counter providing eleven clocks
– Two independent Linear Dividers working on modulo n counter outputs
• Independent channel programming
– Independent Enable Disable commands
– Independent clock selection
– Independent period and duty cycle, with double bufferization
– Programmable selection of the output waveform polarity
– Programmable center or left aligned output waveform
10.5.8
Multimedia Card Interface
• Two double-channel Multimedia Card Interfaces, allowing concurrent transfers with 2 cards
• Compatibility with MultiMediaCard Specification Version 3.31
• Compatibility with SD Memory Card Specification Version 1.0
• Compatibility with SDIO Specification Version V1.1
• Cards clock rate up to Master Clock divided by 2
• Embedded power management to slow down clock rate when not used
• Each MCI has two slots, each supporting
– One slot for one MultiMediaCard bus (up to 30 cards) or
– One SD Memory Card
• Support for stream, block and multi-block data read and write
10.5.9
CAN Controller
• Fully compliant with 16-mailbox CAN 2.0A and 2.0B CAN Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com