Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G45-CU Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT91SAM9G45-CU
Description  AT91 ARM Thumb-based Microcontrollers
PDF  1159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45-CU Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT91SAM9G45-CU Datasheet HTML 81Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 82Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 83Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 84Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 85Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 86Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 87Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 88Page - ATMEL Corporation AT91SAM9G45-CU Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1159 page
background image
85
6438D–ATARM–13-Oct-09
AT91SAM9G45
13. Real-time Timer (RTT)
13.1
Description
The Real-time Timer is built around a 32-bit counter and used to count elapsed seconds. It gen-
erates a periodic interrupt and/or triggers an alarm on a programmed value.
13.2
Embedded Characteristics
• Real-Time Timer, allowing backup of time with different accuracies
– 32-bit Free-running back-up Counter
– Integrates a 16-bit programmable prescaler running on slow clock
– Alarm Register capable to generate a wake-up of the system through the Shut Down
Controller
13.3
Block Diagram
Figure 13-1. Real-time Timer
13.4
Functional Description
The Real-time Timer is used to count elapsed seconds. It is built around a 32-bit counter fed by
Slow Clock divided by a programmable 16-bit value. The value can be programmed in the field
RTPRES of the Real-time Mode Register (RTT_MR).
Programming RTPRES at 0x00008000 corresponds to feeding the real-time counter with a 1 Hz
signal (if the Slow Clock is 32.768 kHz). The 32-bit counter can count up to 2
32 seconds, corre-
sponding to more than 136 years, then roll over to 0.
SLCK
RTPRES
RTTINC
ALMS
16-bit
Divider
32-bit
Counter
ALMV
=
CRTV
RTT_MR
RTT_VR
RTT_AR
RTT_SR
RTTINCIEN
RTT_MR
0
10
ALMIEN
rtt_int
RTT_MR
set
set
RTT_SR
read
RTT_SR
reset
reset
RTT_MR
reload
rtt_alarm
RTTRST
RTT_MR
RTTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com