Electronic Components Datasheet Search
  English  ▼

X  

HMF1M32F2VC Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32F2VC
Description  Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-MMC, 3.3V Design
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32F2VC Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

  HMF1M32F2VC Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32F2VC Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HANBit
HMF1M32F2VC
URL:www.hbe.co.kr
- 8 -
HANBit Electronics Co., Ltd.
REV.2.0 (October, 2002)
ORDERING INFORMATION
Part Number
Density
Org.
Package
Component
Number
Vcc
SPEED
HMF1M32F2VC-70
4MByte
x 32
80Pin
– SMM
2EA
3.3V
70ns
HMF1M32F2VC-80
4Mbyte
x 32
80Pin
– SMM
2EA
3.3V
80ns
HMF1M32F2VC-90
4Mbyte
x 32
80Pin
– SMM
2EA
3.3V
90ns
HMF1M32F2VC-120
4Mbyte
x 32
80Pin -SMM
2EA
3.3V
120ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com