Electronic Components Datasheet Search
  English  ▼

X  

R8C35A Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C35A
Description  RENESAS MCU
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C35A Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C35A Datasheet HTML 24Page - Renesas Technology Corp R8C35A Datasheet HTML 25Page - Renesas Technology Corp R8C35A Datasheet HTML 26Page - Renesas Technology Corp R8C35A Datasheet HTML 27Page - Renesas Technology Corp R8C35A Datasheet HTML 28Page - Renesas Technology Corp R8C35A Datasheet HTML 29Page - Renesas Technology Corp R8C35A Datasheet HTML 30Page - Renesas Technology Corp R8C35A Datasheet HTML 31Page - Renesas Technology Corp R8C35A Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
R8C/35A Group
5. Electrical Characteristics
REJ03B0225-0100 Rev.1.00
Sep 10, 2009
Page 28 of 54
Notes:
1.
VCC = 1.8 to 5.5 V at Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
The average output current indicates the average value of current measured during 100 ms.
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
1.8
−
5.5
V
VSS/AVSS Supply voltage
−
0
−
V
VIH
Input “H” voltage
Other than CMOS input
0.8 VCC
−
VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.5 VCC
−
VCC
V
2.7 V
≤ VCC < 4.0 V 0.55 VCC
−
VCC
V
1.8 V
≤ VCC < 2.7 V 0.65 VCC
−
VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V 0.65 VCC
−
VCC
V
2.7 V
≤ VCC < 4.0 V 0.7 VCC
−
VCC
V
1.8 V
≤ VCC < 2.7 V 0.8 VCC
−
VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V 0.85 VCC
−
VCC
V
2.7 V
≤ VCC < 4.0 V 0.85 VCC
−
VCC
V
1.8 V
≤ VCC < 2.7 V 0.85 VCC
−
VCC
V
VIL
Input “L” voltage
Other than CMOS input
0
−
0.2 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
−
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
−
0.2 VCC
V
1.8 V
≤ VCC < 2.7 V
0
−
0.2 VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
−
0.4 VCC
V
2.7 V
≤ VCC < 4.0 V
0
−
0.3 VCC
V
1.8 V
≤ VCC < 2.7 V
0
−
0.2 VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
−
0.55 VCC
V
2.7 V
≤ VCC < 4.0 V
0
−
0.45 VCC
V
1.8 V
≤ VCC < 2.7 V
0
−
0.35 VCC
V
IOH(sum)
Peak sum output “H” current Sum of all pins IOH(peak)
−−
−160
mA
IOH(sum)
Average sum output “H” current Sum of all pins IOH(avg)
−−
−80
mA
IOH(peak)
Peak output “H” current
Drive capacity Low
−−
−10
mA
Drive capacity High
−−
−40
mA
IOH(avg)
Average output “H” current
Drive capacity Low
−−
−5mA
Drive capacity High
−−
−20
mA
IOL(sum)
Peak sum output “L” current
Sum of all pins IOL(peak)
−−
160
mA
IOL(sum)
Average sum output “L” current Sum of all pins IOL(avg)
−−
80
mA
IOL(peak)
Peak output “L” current
Drive capacity Low
−−
10
mA
Drive capacity High
−−
40
mA
IOL(avg)
Average output “L” current
Drive capacity Low
−−
5mA
Drive capacity High
−−
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz
f(XCIN)
XCIN clock input oscillation frequency
1.8 V
≤ VCC ≤ 5.5 V
−
32.768
50
kHz
−
System clock frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
1.8 V
≤ VCC < 2.7 V
−−
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com