Electronic Components Datasheet Search
  English  ▼

X  

725PWC Datasheet(PDF) 3 Page - HB Electronic Components

Part # 725PWC
Description  LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

725PWC Datasheet(HTML) 3 Page - HB Electronic Components

  725PWC Datasheet HTML 1Page - HB Electronic Components 725PWC Datasheet HTML 2Page - HB Electronic Components 725PWC Datasheet HTML 3Page - HB Electronic Components 725PWC Datasheet HTML 4Page - HB Electronic Components 725PWC Datasheet HTML 5Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No. /型号:725PWC
www.ledz.com
3/5
LED SPECIFICATION
CIE 1931 Chromaticity diagram
Chromaticity Coordinates Ranks/色坐标分档(IF=20mA
Ta=25℃)
X
0.243
0.215
0.230
0.263
X
0.263
0.246
0.264
0.280
Wa1
Y
0.200
0.230
0.250
0.220
Wa2
Y
0.220
0.236
0.267
0.248
X
0.246
0.230
0.248
0.264
X
0.280
0.264
0.283
0.296
Wa3
Y
0.236
0.250
0.286
0.267
Wb1
Y
0.248
0.267
0.305
0.276
X
0.264
0.248
0.275
0.283
X
0.296
0.287
0.330
0.330
Wb2
Y
0.267
0.286
0.321
0.305
Wc1
Y
0.276
0.295
0.339
0.318
X
0.287
0.283
0.330
0.330
X
0.283
0.275
0.298
0.306
Wc2
Y
0.295
0.305
0.360
0.339
Wc3
Y
0.305
0.321
0.350
0.332
X
0.306
0.298
0.321
0.330
X
0.330
0.330
0.361
0.356
Wc4
Y
0.332
0.350
0.379
0.360
Wd1
Y
0.318
0.360
0.385
0.351
X
0.330
0.321
0.366
0.361
X
0.356
0.366
0.391
0.380
Wd2
Y
0.360
0.379
0.419
0.385
Wf
Y
0.351
0.419
0.436
0.381
IF=20mA; Ta=25
° C
Y
Wf
W d2
W d1
W c4
W c3
W b2
W b1
W a3
W a2
W a1
x



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com