Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 95 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 91Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 92Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 93Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 94Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 95Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 96Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 97Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 98Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 196 page
background image
95
7598H–AVR–07/09
ATtiny25/45/85
15.2
Timer/Counter1 Dead Time A - DT1A
The dead time value register A is an 8-bit read/write register.
The dead time delay of is adjusted by the dead time value register, DT1A. The register consists
of two fields, DT1AH3..0 and DT1AL3..0, one for each complementary output. Therefore a differ-
ent dead time delay can be adjusted for the rising edge of OC1A and the rising edge of OC1A.
• Bits 7..4- DT1AH3..DT1AH0: Dead Time Value for OC1A Output
The dead time value for the OC1A output. The dead time delay is set as a number of the pres-
caled timer/counter clocks. The minimum dead time is zero and the maximum dead time is the
prescaled time/counter clock period multiplied by 15.
• Bits 3..0- DT1AL3..DT1AL0: Dead Time Value for
OC1A Output
The dead time value for the
OC1A output. The dead time delay is set as a number of the pres-
caled timer/counter clocks. The minimum dead time is zero and the maximum dead time is the
prescaled time/counter clock period multiplied by 15.
15.3
Timer/Counter1 Dead Time B - DT1B
The dead time value register Bis an 8-bit read/write register.
The dead time delay of is adjusted by the dead time value register, DT1B. The register consists
of two fields, DT1BH3..0 and DT1BL3..0, one for each complementary output. Therefore a differ-
ent dead time delay can be adjusted for the rising edge of OC1A and the rising edge of OC1A.
• Bits 7..4- DT1BH3..DT1BH0: Dead Time Value for OC1B Output
The dead time value for the OC1B output. The dead time delay is set as a number of the pres-
caled timer/counter clocks. The minimum dead time is zero and the maximum dead time is the
prescaled time/counter clock period multiplied by 15.
• Bits 3..0- DT1BL3..DT1BL0: Dead Time Value for
OC1B Output
The dead time value for the
OC1B output. The dead time delay is set as a number of the pres-
caled timer/counter clocks. The minimum dead time is zero and the maximum dead time is the
prescaled time/counter clock period multiplied by 15.
Bit
765
43210
$25 ($45)
DT1AH3
DT1AH2
DT1AH1
DT1AH0
DT1AL3
DT1AL2
DT1AL1
DT1AL0
DT1A
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
000
00000
Bit
765
43210
$25 ($45)
DT1BH3
DT1BH2
DT1BH1
DT1BH0
DT1BL3
DT1BL2
DT1BL1
DT1BL0
DT1B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
000
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com