Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 124 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 120Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 121Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 122Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 123Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 124Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 125Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 126Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 127Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 196 page
background image
124
7598H–AVR–07/09
ATtiny25/45/85
• Bits 3:0 – MUX3:0: Analog Channel and Gain Selection Bits
The value of these bits selects which combination of analog inputs are connected to the ADC. In
case of differential input (ADC0 - ADC1 or ADC2 - ADC3), gain selection is also made with these
bits. Selecting ADC2 or ADC0 as both inputs to the differential gain stage enables offset mea-
surements. Selecting the single-ended channel ADC4 enables the temperature sensor. Refer to
Table 18-4 for details. If these bits are changed during a conversion, the change will not go into
effect until this conversion is complete (ADIF in ADCSRA is set).
18.7.6
ADC Control and Status Register A – ADCSRA
• Bit 7 – ADEN: ADC Enable
Writing this bit to one enables the ADC. By writing it to zero, the ADC is turned off. Turning the
ADC off while a conversion is in progress, will terminate this conversion.
• Bit 6 – ADSC: ADC Start Conversion
In Single Conversion mode, write this bit to one to start each conversion. In Free Running mode,
write this bit to one to start the first conversion.
Table 18-4.
Input Channel Selections
MUX3..0
Single Ended
Input
Positive
Differential Input
Negative
Differential Input
Gain
0000
ADC0 (PB5)
N/A
0001
ADC1 (PB2)
0010
ADC2 (PB4)
0011
ADC3 (PB3)
0100
N/A
ADC2 (PB3)
ADC2 (PB3)
1x
0101 (1)
1.
For offset calibration only . See “Operation” on page 112.
ADC2 (PB3)
ADC2 (PB3)
20x
0110
ADC2 (PB3)
ADC3 (PB4)
1x
0111
ADC2 (PB3)
ADC3 (PB4)
20x
1000
ADC0 (PB5)
ADC0 (PB5)
1x
1001
ADC0 (PB5)
ADC0 (PB5)
20x
1010
ADC0 (PB5)
ADC1 (PB2)
1x
1011
ADC0 (PB5)
ADC1 (PB2)
20x
1100
1.1V/2.56V
N/A
1101
0V
1110
N/A
1111
ADC4 (2)
2.
For Temperature Sensor
Bit
765
43
210
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
ADCSRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com