Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 145 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 141Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 142Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 143Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 144Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 145Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 146Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 147Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 148Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 196 page
background image
145
7598H–AVR–07/09
ATtiny25/45/85
21.8.4
Programming the Flash
The Flash is organized in pages, see Table 21-10 on page 140. When programming the Flash,
the program data is latched into a page buffer. This allows one page of program data to be pro-
grammed simultaneously. The following procedure describes how to program the entire Flash
memory:
1.
Load Command “Write Flash” (see Table 21-16).
2.
Load Flash Page Buffer.
3.
Load Flash High Address and Program Page. Wait after Instr. 3 until SDO goes high for
the “Page Programming” cycle to finish.
4.
Repeat 2 through 3 until the entire Flash is programmed or until all data has been
programmed.
5.
End Page Programming by Loading Command “No Operation”.
When writing or reading serial data to the ATtiny25/45/85, data is clocked on the rising edge of
the serial clock, see Figure 21-6, Figure 21-7 and Table 21-17 for details.
Figure 21-5. Addressing the Flash which is Organized in Pages
Figure 21-6. High-voltage Serial Programming Waveforms
PROGRAM MEMORY
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM
COUNTER
MSB
MSB
MSB
LSB
LSB
LSB
0123456789
10
SDI
PB0
SII
PB1
SDO
PB2
SCI
PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com