Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 151 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 147Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 148Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 149Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 150Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 151Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 152Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 153Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 154Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 196 page
background image
151
7598H–AVR–07/09
ATtiny25/45/85
Notes:
1. All DC Characteristics contained in this data sheet result from actual silicon characterization.
2. “Max” means the highest value where the pin is guaranteed to be read as low.
3. “Min” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can sink more than the test conditions (8 mA at V
CC = 5V, 5 mA at VCC = 3V) under steady state con-
ditions (non-transient), the following must be observed:
1] The sum of all IOL, for all ports, should not exceed 60 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
5. Although each I/O port can source more than the test conditions (8 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
1] The sum of all IOH, for all ports, should not exceed 60 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
6. All I/O modules are turned off (PRR = 0xFF) for all ICC values.
7. Brown-Out Detection (BOD) disabled.
22.2
External Clock Drive Waveforms
Figure 22-1. External Clock Drive Waveforms
ICC
(6)
Power Supply Current
Active 4MHz, VCC = 3V
1.25
3
mA
Active 8MHz, VCC = 5V
5
10
mA
Active 16MHz, VCC = 5V
10
15
mA
Idle 4MHz, VCC = 3V
0.4
0.5
mA
Idle 8MHz, VCC = 5V
1.2
2
mA
Idle 16MHz, VCC = 5V
2.5
5
mA
Power-down mode(7)
WDT enabled, VCC = 3V
5
30
µA
WDT disabled, VCC = 3V
2
24
µA
WDT enabled, VCC = 5V
9
50
µA
WDT disabled, VCC = 5V
3
36
µA
Table 22-1.
DC Characteristics T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
(1) .
Symbol
Parameter
Condition
Min.(2)
Typ.
Max.(3)
Units
VIL1
VIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com