Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 160 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 156Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 157Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 158Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 159Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 160Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 161Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 162Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 163Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 196 page
background image
160
7598H–AVR–07/09
ATtiny25/45/85
23.2.1
Using the Power Reduction Register
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See “Power Reduction Register” on page 33 for
details.
It is possible to calculate the typical current consumption based on the numbers from Table 2 for
other V
CC and frequency settings than listed in Table 1.
23.2.1.1
Example 1
Calculate the expected current consumption in idle mode with USI, TIMER0, and ADC enabled
at V
CC = 2.0V and F = 1MHz. From Table 23-2, third column, we see that we need to add 6.4%
for the USI, 7.3% for the TIMER0 module, and 21.4% for the ADC module. Reading from Figure
23-9, we find that the idle current consumption is ~0,25mA at V
CC = 3.0V and F = 1MHz. The
total current consumption in idle mode with USI, TIMER0, and ADC enabled, gives:
Table 23-1.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers
VCC = 2V, F = 1MHz
VCC = 3V, F = 4MHz
VCC = 5V, F = 8MHz
PRTIM1
43 uA
270 uA
1090 uA
PRTIM0
5.0 uA
28 uA
116 uA
PRUSI
4.0 uA
25 uA
102 uA
PRADC
13 uA
84 uA
351 uA
Table 23-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock
(see Figure 23-1 and Figure 23-2)
Additional Current consumption
compared to Idle with external clock
(see Figure 23-6 and Figure 23-7)
PRTIM1
17.3%
68.4 %
PRTIM0
1.8 %
7.3 %
PRUSI
1.6 %
6.4 %
PRADC
5.4 %
21.4 %
ICCtotal
0,25
()mA
1
0,064
0,073
0,214
+++
()
•
0,337
mA
≈≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com