Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 179 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 175Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 176Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 177Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 178Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 179Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 180Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 181Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 182Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 196 page
background image
179
7598H–AVR–07/09
ATtiny25/45/85
Figure 23-47. Analog to Digital Converter Single Endded mode GAIN vs. V
CC
Figure 23-48. Analog to Digital Converter Differential mode DNL vs. V
CC
Analog to Digital Converter - GAIN
Single Ended, Vcc = 4V, Vref = 4V
-2.5
-2
-1.5
-1
-0.5
0
-40
-30
-20
-10
0
102030
40506070
8090
100
110
120
Temperature
Analog to Digital Converter - Differential Non Linearity DNL
Differential Inputs , Vcc = 4V, Vref = 4V
Diff x1
Diff x20
0
0.2
0.4
0.6
0.8
1
1.2
-40
-30
-20
-10
0
102030405060708090
100
110
120
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com