Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATtiny25-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATtiny25-15ST Datasheet HTML 182Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 183Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 184Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 185Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 186Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 187Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 188Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 189Page - ATMEL Corporation ATtiny25-15ST Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 196 page
background image
186
7598H–AVR–07/09
ATtiny25/45/85
26. Ordering Information
Notes:
1. Green and ROHS packaging
2. Tape and Reel with Dry-pack delivery.
3. For Speed vs. VCC,see Figure 22-2 on page 152.
Power Supply
Speed (MHz)
Ordering Code
Package
Operation Range
2.7 - 5.5V
8 - 16(3)
ATtiny25/45/85-15ST
ATtiny25/45/85-15ST1
ATtiny25/45/85-15SZ
T5
Automotive (-40°C to +85°C)
Automotive (-40°C to +105°C)
Automotive (-40°C to 125°C)
2.7 - 5.5V
8 - 16(3)
ATtiny25/45/85-15MT
ATtiny25/45/85-15MT1
ATtiny25/45/85-15MZ
PC
Automotive (-40°C to 85°C)
Automotive (-40°C to +105°C)
Automotive (-40°C to +125°C)
Package Type
T5
T5 - 8-lead, 0.208” Body Width
Plastic Gull Wing Small Outline Package
PC
PC - 20-lead, 4.0x4.0 mm Body, 0.50 mm Pitch
Quad Flat No Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com