Electronic Components Datasheet Search
  English  ▼

X  

ATtiny25-15ST1 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATtiny25-15ST1
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25-15ST1 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATtiny25-15ST1 Datasheet HTML 1Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 2Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 3Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 4Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 5Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 6Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 7Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 8Page - ATMEL Corporation ATtiny25-15ST1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 196 page
background image
4
7598H–AVR–07/09
ATtiny25/45/85
The ATtiny25/45/85 provides the following features: 2/4/8K byte of In-System Programmable
Flash, 128/256/512 bytes EEPROM, 128/256/256 bytes SRAM, 6 general purpose I/O lines, 32
general purpose working registers, one 8-bit Timer/Counter with compare modes, one 8-bit high
speed Timer/Counter, Universal Serial Interface, Internal and External Interrupts, a 4-channel,
10-bit ADC, a programmable Watchdog Timer with internal Oscillator, and three software select-
able power saving modes. The Idle mode stops the CPU while allowing the SRAM,
Timer/Counter, ADC, Analog Comparator, and Interrupt system to continue functioning. The
Power-down mode saves the register contents, disabling all chip functions until the next Inter-
rupt or Hardware Reset. The ADC Noise Reduction mode stops the CPU and all I/O modules
except ADC, to minimize switching noise during ADC conversions.
The device is manufactured using Atmel
®’s high density non-volatile memory technology. The
On-chip ISP Flash allows the Program memory to be re-programmed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer or by an On-chip boot code
running on the AVR core.
The ATtiny25/45/85 AVR is supported with a full suite of program and system development tools
including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators,
and Evaluation kits.
2.2
Automotive Quality Grade
The ATtiny25/45/85 have been developed and manufactured according to the most stringent
requirements of the international standard ISO-TS-16949. This data sheet contains limit values
extracted from the results of extensive characterization (Temperature and Voltage). The quality
and reliability of the ATtiny25/45/85 have been verified during regular product qualification as
per AEC-Q100 grade 1.
As indicated in the ordering information paragraph, the products are available in three different
temperature grades, but with equivalent quality and reliability objectives. Different temperature
identifiers have been defined as listed in Table 2-1.
Table 2-1.
Temperature Grade Identification for Automotive Products
Temperature
Temperature
Identifier
Comments
-40 ; +85
T
Similar to Industrial Temperature Grade but with Automotive
Quality
-40 ; +105
T1
Reduced Automotive Temperature Range
-40 ; +125
Z
Full AutomotiveTemperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com