Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 345 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 345 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 341Page - ATMEL Corporation ATmega164P Datasheet HTML 342Page - ATMEL Corporation ATmega164P Datasheet HTML 343Page - ATMEL Corporation ATmega164P Datasheet HTML 344Page - ATMEL Corporation ATmega164P Datasheet HTML 345Page - ATMEL Corporation ATmega164P Datasheet HTML 346Page - ATMEL Corporation ATmega164P Datasheet HTML 347Page - ATMEL Corporation ATmega164P Datasheet HTML 348Page - ATMEL Corporation ATmega164P Datasheet HTML 349Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 377 page
background image
345
7674F–AVR–09/09
ATmega164P/324P/644P
27.3
Pin Pull-up
Figure 27-13. I/O Pin Pull-up Resistor Current vs. Input Voltage (Vcc = 5V)
Figure 27-14. Reset Pull-up Resistor Current vs. Reset Pin Voltage (Vcc = 5V)
I/O PIN PULL-UP RESISTOR CURRENT vs. INPUT VOLTAGE
Vcc = 5.0v
0
20
40
60
80
100
120
140
160
01
2
3
4
5
6
V
OP (V)
125
85
25
-45
RESET PULL-UP RESISTOR CURRENT vs. RESET PIN VOLTAGE
Vcc = 5.0v
-20
0
20
40
60
80
100
120
00.5
1
1.5
22.5
33.5
44.5
5
V
RESET (V)
125
85
25
-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com