Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 346 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 346 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 342Page - ATMEL Corporation ATmega164P Datasheet HTML 343Page - ATMEL Corporation ATmega164P Datasheet HTML 344Page - ATMEL Corporation ATmega164P Datasheet HTML 345Page - ATMEL Corporation ATmega164P Datasheet HTML 346Page - ATMEL Corporation ATmega164P Datasheet HTML 347Page - ATMEL Corporation ATmega164P Datasheet HTML 348Page - ATMEL Corporation ATmega164P Datasheet HTML 349Page - ATMEL Corporation ATmega164P Datasheet HTML 350Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 377 page
background image
346
7674F–AVR–09/09
ATmega164P/324P/644P
27.4
Pin Driver Strength
Figure 27-15. I/O Pin Output Voltage vs. Source Current (Vcc = 5V)
Figure 27-16. I/O Pin Output Voltage vs. Source Current (Vcc = 3.0V)
VOH
VCC 5V, Load current up to 20 mA
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
02
4
6
8
10
12
14
16
18
20
Load current (mA)
125
85
25
-45
VOH
VCC 3V, Load current up to 20 mA
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
0
2
4
6
8
101214
1618
20
Load current (mA)
125
85
25
-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com