Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 372 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 372 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 368Page - ATMEL Corporation ATmega164P Datasheet HTML 369Page - ATMEL Corporation ATmega164P Datasheet HTML 370Page - ATMEL Corporation ATmega164P Datasheet HTML 371Page - ATMEL Corporation ATmega164P Datasheet HTML 372Page - ATMEL Corporation ATmega164P Datasheet HTML 373Page - ATMEL Corporation ATmega164P Datasheet HTML 374Page - ATMEL Corporation ATmega164P Datasheet HTML 375Page - ATMEL Corporation ATmega164P Datasheet HTML 376Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 377 page
background image
372
7674F–AVR–09/09
ATmega164P/324P/644P
16
SPI – Serial Peripheral Interface ......................................................... 161
16.1
Features ........................................................................................................161
16.2
Overview ........................................................................................................161
16.3
SS Pin Functionality ......................................................................................166
16.4
Data Modes ...................................................................................................166
16.5
Register Description ......................................................................................168
17
USART ................................................................................................... 171
17.1
Features ........................................................................................................171
17.2
USART1 and USART0 ..................................................................................171
17.3
Overview ........................................................................................................171
17.4
Clock Generation ...........................................................................................173
17.5
Frame Formats ..............................................................................................176
17.6
USART Initialization .......................................................................................177
17.7
Data Transmission – The USART Transmitter ..............................................178
17.8
Data Reception – The USART Receiver .......................................................181
17.9
Asynchronous Data Reception ......................................................................185
17.10
Multi-processor Communication Mode ..........................................................188
17.11
Register Description ......................................................................................190
17.12
Examples of Baud Rate Setting .....................................................................195
18
USART in SPI Mode ............................................................................. 199
18.1
Features ........................................................................................................199
18.2
Overview ........................................................................................................199
18.3
Clock Generation ...........................................................................................199
18.4
SPI Data Modes and Timing ..........................................................................200
18.5
Frame Formats ..............................................................................................200
18.6
Data Transfer .................................................................................................203
18.7
AVR USART MSPIM vs. AVR SPI ................................................................205
18.8
Register Description ......................................................................................206
19
2-wire Serial Interface .......................................................................... 209
19.1
Features ........................................................................................................209
19.2
2-wire Serial Interface Bus Definition ............................................................209
19.3
Data Transfer and Frame Format ..................................................................210
19.4
Multi-master Bus Systems, Arbitration and Synchronization .........................213
19.5
Overview of the TWI Module .........................................................................215
19.6
Using the TWI ................................................................................................217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com