Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 373 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 373 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 369Page - ATMEL Corporation ATmega164P Datasheet HTML 370Page - ATMEL Corporation ATmega164P Datasheet HTML 371Page - ATMEL Corporation ATmega164P Datasheet HTML 372Page - ATMEL Corporation ATmega164P Datasheet HTML 373Page - ATMEL Corporation ATmega164P Datasheet HTML 374Page - ATMEL Corporation ATmega164P Datasheet HTML 375Page - ATMEL Corporation ATmega164P Datasheet HTML 376Page - ATMEL Corporation ATmega164P Datasheet HTML 377Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 373 / 377 page
background image
373
7674F–AVR–09/09
ATmega164P/324P/644P
19.7
Transmission Modes .....................................................................................221
19.8
Multi-master Systems and Arbitration ............................................................234
19.9
Register Description ......................................................................................235
20
AC - Analog Comparator ..................................................................... 240
20.1
Overview ........................................................................................................240
20.2
Analog Comparator Multiplexed Input ...........................................................240
20.3
Register Description ......................................................................................241
21
ADC - Analog-to-digital Converter ..................................................... 243
21.1
Features ........................................................................................................243
21.2
Overview ........................................................................................................243
21.3
Operation .......................................................................................................244
21.4
Starting a Conversion ....................................................................................245
21.5
Prescaling and Conversion Timing ................................................................246
21.6
Changing Channel or Reference Selection ...................................................249
21.7
ADC Noise Canceler .....................................................................................251
21.8
ADC Conversion Result .................................................................................256
21.9
Register Description ......................................................................................258
22
JTAG Interface and On-chip Debug System ..................................... 263
22.1
Features ........................................................................................................263
22.2
Overview ........................................................................................................263
22.3
TAP – Test Access Port ................................................................................264
22.4
TAP Controller ...............................................................................................265
22.5
Using the Boundary-scan Chain ....................................................................266
22.6
Using the On-chip Debug System .................................................................266
22.7
On-chip Debug Specific JTAG Instructions ...................................................267
22.8
Using the JTAG Programming Capabilities ...................................................268
22.9
Bibliography ...................................................................................................268
22.10
Register Description ......................................................................................268
23
IEEE 1149.1 (JTAG) Boundary-scan ................................................... 269
23.1
Features ........................................................................................................269
23.2
Overview ........................................................................................................269
23.3
Data Registers ...............................................................................................270
23.4
Boundary-scan Specific JTAG Instructions ...................................................271
23.5
Boundary-scan Chain ....................................................................................272
23.6
ATmega164P/324P/644P Boundary-scan Order ..........................................275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com