Electronic Components Datasheet Search
  English  ▼

X  

ATmega16U4 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 70Page - ATMEL Corporation ATmega16U4 Datasheet HTML 71Page - ATMEL Corporation ATmega16U4 Datasheet HTML 72Page - ATMEL Corporation ATmega16U4 Datasheet HTML 73Page - ATMEL Corporation ATmega16U4 Datasheet HTML 74Page - ATMEL Corporation ATmega16U4 Datasheet HTML 75Page - ATMEL Corporation ATmega16U4 Datasheet HTML 76Page - ATMEL Corporation ATmega16U4 Datasheet HTML 77Page - ATMEL Corporation ATmega16U4 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 408 page
background image
74
7766D–AVR–01/09
ATmega16U4/ATmega32U4
10.3.3
Alternate Functions of Port C
The Port C alternate function is as follows:
• ICP3/CLKO/OC.4A – Port C, Bit 7
ICP3: If Timer 3 is correctly configured, this pin can serve as Input Capture feature.
CLKO: When the corresponding fuse is enabled, this pin outputs the internal microcontroller
working frequency. If the clock prescaler is used, this will affect this output frequency.
OC.4A: Timer 4 Output Compare A. This pin can be used to generate a high-speed PWM signal
from Timer 4 module. The pin has to be configured as an output (DDC7 set “one”) to serve this
function.
Table 10-5.
Overriding Signals for Alternate Functions in PB3.PB0
Signal
Name
PB3/PD0/PCINT3/
MISO
PB2/PDI/PCINT2/
MOSI
PB1/PCINT1/
SCK
PB0/PCINT0/
SS
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
SCK OUTPUT
0
DIEOE
PCINT3 • PCIE0
PCINT2 • PCIE0
PCINT1 •
PCIE0
PCINT0 •
PCIE0
DIEOV
1
1
1
1
DI
SPI MSTR INPUT
PCINT3 INPUT
SPI SLAVE INPUT
PCINT2 INPUT
SCK INPUT
PCINT1 INPUT
SPI SS
PCINT0 INPUT
AIO
–
–
–
–
Table 10-6.
Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
ICP3/CLKO/OC4A(Input Capture Timer 3 or CLK0 (Divided
System Clock) or Output Compare and direct PWM output A
for Timer 4)
PC6
OC.3A/OC4A (Output Compare and PWM output A for
Timer/Counter3 or Output Compare and complementary
PWM output A for Timer 4)
PC5
Not present on pin-out.
PC4
PC3
PC2
PC1
PC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com